PART |
Description |
Maker |
MBR5200 |
5 Amp Schottky Barrier Rectifier 200 Volts 5 A, 200 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Micro Commercial Components, Corp.
|
SK4200L SK4200L-TP |
4 Amp Schottky Rectifier 200 Volts
|
Micro Commercial Components
|
SMD110PL SMD1200PL SMD1150PL |
1 Amp Schottky Rectifier 50 to 200 Volts
|
Micro Commercial Components
|
SK1150-L |
1 Amp Schottky Rectifier 150 to 200 Volts
|
Micro Commercial Components
|
CSHD8-100 CSHD8-200 CSHD8-60 |
SURFACE MOUNT SCHOTTKY RECTIFIER 8 AMP, 60 THRU 200 VOLTS
|
Central Semiconductor Corp
|
CMSH3-200MHV CMSH3-150MHV |
SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 3 AMP, 100 THRU 200 VOLTS
|
Central Semiconductor Corp
|
FST19035 FST12050 |
CAP 1UF 10V 10% X7R SMD-0805 TR-7-PL 3K/REEL 200 Amp Rectifier 35 to 50 Volts Schottky Barrier
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
FFB10UP20STM |
Ultrafast Recovery Power Rectifier; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 10 A, 200 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Fairchild Semiconductor, Corp.
|
153CNQSERIES 153CNQ100 153CNQ080 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 150 Amp 100V 150A Schottky Common Cathode Diode in a D-60 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|